PART |
Description |
Maker |
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRLR024 IRLR024TRL IRLR024TRR |
HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 60V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRL1404L IRL1404S 2227 |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET-R Power MOSFET From old datasheet system HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRLZ24NL IRLZ24NSTRR IRLZ24NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管
|
International Rectifier Fairchild Semiconductor, Corp.
|
IRFR430A IRFU430A IRFU430APBF |
500V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
IRF[International Rectifier]
|
IRL3202S 2247 |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V的单个N -沟道HEXFET功率MOSFET的一项D2 - PAK封装 From old datasheet system HEXFET? Power MOSFET
|
International Rectifier, Corp.
|